PART |
Description |
Maker |
GP02-30 GP02-20 GP02-25 GP02-35 GP02-30E3/73 |
High Voltage Glass Passivated Junction Rectifier 0.25 A, 3000 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
SP300S SP250S |
15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
KSB772 B772 KSB772Y KSB772G KSB772O KSB772R KSB772 |
PNP Epitaxial Silicon Transistor Audio Frequency Power Amplifier 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-126
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
FJC1308 FJC1308RTF |
PNP Epitaxial Silicon Transistor 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
BSX63 BSX62 BSX62-16 |
NPN SILICON TRANSISTOR 3000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
Central Semiconductor Corp
|
MMUN2111LT1G MMUN2112LT1G |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors Small Signal Bias Resistor Transistor SOT23, (TO236AB) PNP 50V; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
Rectron Semiconductor
|
ZTX689B |
3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC
|
DS201 |
3000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP SEMICONDUCTORS
|
3.0SMCJ17CA-T3 3.0SMCJ8.0C-T3 3.0SMCJ33C-T3 3.0SMC |
3000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
SENSITRON SEMICONDUCTOR
|
|